Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150CT Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # MBR20150CT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS 150V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20150CT Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  MBR20150CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20150CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR20150CT Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
Typical values
Tj=125°C
Fig. 7: Forward voltage drop versus forward
current (maximum values, per diode).
0
2
4
6
8
101214
161820
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
Fig. 8: Thermal resistance junction to ambient versus
copper surface under tab (Epoxy printed circuit board,
copper thickness: 35µm) (STPS20150CG only).
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20150CT
3
www.paceleader.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com