Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1020 Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

MBR1020 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # MBR1020
Download  MBR1020 Download
File Size   381.89 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

MBR1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1020 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR1020
Download  MBR1020 Click to download

File Size   381.89 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

MBR1020 Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


MBR1020 Product details

Reverse Voltage - 20 to 200 Volts
Forward Current - 10.0Amperes
​​​​​​​
FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Metal silicon junction ,majority carrier conduction
• Guard ring for overvoltage protection
• Low power loss ,high efficiency
• High current capability ,Low forward voltage drop
• For use in low voltage ,high frequency inverters,
• free wheeling ,and polarity protection applications
• Dual rectifier construction
• High temperature soldering guaranteed:260 °C/10 seconds,,
• 0.25"(6.35mm)from case
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

MECHANICAL DATA
• Case: JEDEC TO-220AC molded plastic body
• Terminals: Lead solderable per MIL-STD-750,method 2026
• Polarity: As marked
• Mounting Position: Any
• Weight: 0.08ounce, 2.24 gram




Similar Part No. - MBR1020

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
10Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
112Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MBR1020 LUGUANG-MBR1020 Datasheet
238Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - MBR1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com