Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100LCT Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

MBR20100LCT Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # MBR20100LCT
Download  MBR20100LCT Download
File Size   342.99 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

MBR20100LCT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20100LCT Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR20100LCT
Download  MBR20100LCT Click to download

File Size   342.99 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

MBR20100LCT Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


MBR20100LCT Product details

Reverse Voltage - 20 to 200 Volts
Forward Current - 20Amperes

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Metal silicon junction ,majority carrier conduction
• Guard ring for overvoltage protection
• Low power loss ,high efficiency
• High current capability ,Low forward voltage drop
• High surge capability
• For use in low voltage ,high frequency inverters,
   free wheeling ,and polarity protection applications
• Dual rectifier construction
• High temperature soldering guaranteed:260° C/10 seconds,,
   0.25"(6.35mm)from case
• Component in accordance to RoHS 2002/95/EC and
   WEEE 2002/96/EC

MECHANICAL DATA
• Case: JEDEC TO-220AB  molded plastic body 
• Terminals: Lead solderable per MIL-STD-750,method 2026
• Polarity: As marked
• Mounting Position: Any
• Weight: 0.08ounce, 2.24 grams




Similar Part No. - MBR20100LCT

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
MBR20100LCT CHONGQING-MBR20100LCT Datasheet
213Kb / 1P
20A Schottky Barrier Rectifier
logo
Bytesonic Electronics C...
MBR20100LCT BYTESONIC-MBR20100LCT Datasheet
723Kb / 2P
Schottky Barrier Diodes Low Forward Voltage 20 A Total (10A Per Diode Leg)
2018/7/16
More results


Similar Description - MBR20100LCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com