Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL300-E Datasheet (PDF) - Vishay Siliconix

IL300-E Datasheet PDF - Vishay Siliconix
Part # IL300-E
Download  IL300-E Download
File Size   196.3 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Linear Optocoupler, High Gain Stability, Wide Bandwidth

IL300-E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL300-E Datasheet PDF - Vishay Siliconix

Part # IL300-E
Download  IL300-E Click to download

File Size   196.3 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Linear Optocoupler, High Gain Stability, Wide Bandwidth

IL300-E Datasheet (HTML) - Vishay Siliconix


IL300-E Product details

DESCRIPTION
The IL300 linear optocoupler consists of an AlGaAs IRLED irradiating an isolated feedback and an output PIN photodiode in a bifurcated arrangement. The feedback photodiode captures a percentage of the LEDs flux and generates a control signal (IP1) that can be used to servo the LED drive current. This technique compensates for the LED’s non-linear, time, and temperature characteristics. The output PIN photodiode produces an output signal (IP2) that is linearly related to the servo optical flux created by the LED.

FEATURES
• Couples AC and DC signals
• 0.01 % servo linearity
• Wide bandwidth, > 200 kHz
• High gain stability, ± 0.005 %/°C typically
• Low input-output capacitance
• Low power consumption, < 15 mW
• Isolation rated voltage 4420 VRMS
• Internal insulation distance, > 0.4 mm

APPLICATIONS
• Power supply feedback voltage / current
• Medical sensor isolation
• Audio signal interfacing
• Isolated process control transducers
• Digital telephone isolation




Similar Part No. - IL300-E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300-E VISHAY-IL300-E Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-E-X006 VISHAY-IL300-E-X006 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-E-X007 VISHAY-IL300-E-X007 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-E-X009 VISHAY-IL300-E-X009 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-EF VISHAY-IL300-EF Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
More results


Similar Description - IL300-E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
RF Micro Devices
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
logo
Vishay Siliconix
IL300 VISHAY-IL300_05 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-EF-X016 VISHAY-IL300-EF-X016 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
23-Sep-11
IL300-F-X009T VISHAY-IL300-F-X009T Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
02-Jun-14
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
Wide Bandwidth - 65MHz at Gain of -1
logo
Harris Corporation
HA-4622 HARRIS-HA-4622 Datasheet
1Mb / 5P
wide gain bandwidth product
logo
Skyworks Solutions Inc.
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com