Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11A1 Datasheet (PDF) - Roithner LaserTechnik GmbH

H11A1 Datasheet PDF - Roithner LaserTechnik GmbH
Part # H11A1
Download  H11A1 Download
File Size   82.42 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description HEXAGONAL HIGH POWER LED

H11A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11A1 Datasheet PDF - Roithner LaserTechnik GmbH

Part # H11A1
Download  H11A1 Click to download

File Size   82.42 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description HEXAGONAL HIGH POWER LED

H11A1 Datasheet (HTML) - Roithner LaserTechnik GmbH


H11A1 Product details

HEXAGONAL HIGH POWER LED

• Designed for continuous current of 350mA
• beam angle: 30°, 60° or 120° are possible
• Silicone lens, ageing proof to UV radiation
• chip size 1 x 1mm
• 20mm diameter aluminium groundplate




Similar Part No. - H11A1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
H11A1 QT-H11A1 Datasheet
325Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11A1 FAIRCHILD-H11A1 Datasheet
608Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A1 FAIRCHILD-H11A1 Datasheet
210Kb / 15P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Infineon Technologies A...
H11A1 INFINEON-H11A1 Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
More results


Similar Description - H11A1

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
H6-RGB-3 ROITHNER-H6-RGB-3 Datasheet
141Kb / 2P
HIGH POWER RGB HEXAGONAL LED
logo
PHOENIX CONTACT
BHN-13 PHOENIX-BHN-13 Datasheet
41Kb / 2P
Nut, hexagonal, 13 mm
logo
FIBOX Enclosing innovat...
7016408 FIBOX-7016408 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016409 FIBOX-7016409 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016410 FIBOX-7016410 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016411 FIBOX-7016411 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
7016412 FIBOX-7016412 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
7016413 FIBOX-7016413 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016414 FIBOX-7016414 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016415 FIBOX-7016415 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com