Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR772LT Datasheet (PDF) - Power Semiconductors

AR772LT Datasheet PDF - Power Semiconductors
Part # AR772LT
Download  AR772LT Download
File Size   183.69 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description RECTIFIER DIODE

AR772LT Datasheet (PDF)

Go To PDF Page Download Datasheet
AR772LT Datasheet PDF - Power Semiconductors

Part # AR772LT
Download  AR772LT Click to download

File Size   183.69 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description RECTIFIER DIODE

AR772LT Datasheet (HTML) - Power Semiconductors


AR772LT Product details

RECTIFIER DIODE

Repetitive voltage up to 5000 V
Mean forward current 4546 A
Surge current 45 kA




Similar Part No. - AR772LT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
AR772HT POSEICO-AR772HT Datasheet
284Kb / 4P
RECTIFIER DIODE
AR772HTS45 POSEICO-AR772HTS45 Datasheet
284Kb / 4P
RECTIFIER DIODE
AR772S50 POSEICO-AR772S50 Datasheet
238Kb / 4P
RECTIFIER DIODE
More results


Similar Description - AR772LT

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com