Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS0075 Datasheet (PDF) - Samsung semiconductor

KS0075 Datasheet PDF - Samsung semiconductor
Part # KS0075
Download  KS0075 Download
File Size   533.71 Kbytes
Page   71 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

KS0075 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS0075 Datasheet PDF - Samsung semiconductor

Part # KS0075
Download  KS0075 Click to download

File Size   533.71 Kbytes
Page   71 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 34COM/100SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD

KS0075 Datasheet (HTML) - Samsung semiconductor


KS0075 Product details

INTRODUCTION
KS0075 is a dot matrix LCD driver & controller LSI which is fabricated by low power CMOS technology. It can display 1, 2, or 4 lines with 5 x 8 or 6 x 8 dots format.

FEATURES
• Internal Memory
    - Character Generator ROM (CGROM) : 9,600 bits (240 characters x 5 x 8 dot)
    - Character Generator RAM (CGRAM) : 64 x 8 bits (8 characters x 5 x 8 dot)
    - Segment Icon RAM (SEGRAM) : 16 x 8 bits (96 icons max.)
    - Display Data RAM (DDRAM) : 80 x 8 bits (80 characters max.)
• Low power operation
    - Power supply voltage range : 2.7 ~ 5.5 V (VDD)
    - LCD Drive voltage range : 3.0 ~ 13.0 V (VDD - V5)
• CMOS process
• Programmable duty cycle : 1/17, 1/33 (refer to Table 1.)
• Internal oscillator with an external resistor
• Bare chip available

FUNCTIONS
• Character type dot matrix LCD driver & controller
• Internal driver : 34 common and 100 segment signal output
• Easy interface with 4-bit or 8-bit MPU
• Clock synchronized serial Interface
• 5 x 8 dot matrix possible
• 6 x 8 dot matrix possible
• Bi-directional shift function
• All character reverse display
• Display shift per line
• Voltage converter for LCD drive voltage : 13 V max (2 times / 3 times)
• Various instruction functions
• Automatic power on reset




Similar Part No. - KS0075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0070 SAMSUNG-KS0070 Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0070B SAMSUNG-KS0070B Datasheet
566Kb / 42P
16COM / 80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0071B SAMSUNG-KS0071B Datasheet
217Kb / 18P
32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0072 SAMSUNG-KS0072 Datasheet
300Kb / 32P
DOT MATRIX LCD CONTROLLER & DRIVER
KS0073 SAMSUNG-KS0073 Datasheet
923Kb / 78P
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results


Similar Description - KS0075

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Samsung semiconductor
KS0074 SAMSUNG-KS0074 Datasheet
537Kb / 70P
34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0073 SAMSUNG-S6A0073 Datasheet
923Kb / 78P
34COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0074 SAMSUNG-S6A0074 Datasheet
701Kb / 68P
34COM/80SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0079 SAMSUNG-S6A0079 Datasheet
338Kb / 36P
34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
KS0078 SAMSUNG-KS0078 Datasheet
563Kb / 71P
34COM/120SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com