Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6410BS Datasheet (PDF) - Maxim Integrated Products

MAX6410BS Datasheet PDF - Maxim Integrated Products
Part # MAX6410BS
Download  MAX6410BS Download
File Size   144.92 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package

MAX6410BS Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6410BS Datasheet PDF - Maxim Integrated Products

Part # MAX6410BS
Download  MAX6410BS Click to download

File Size   144.92 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package

MAX6410BS Datasheet (HTML) - Maxim Integrated Products


MAX6410BS Product details

General Description

The MAX6406–MAX6411 is a family of ultra-low power circuits used for monitoring battery, power-supply, and regulated system voltages. Each detector contains a precision bandgap reference comparator and is trimmed to specified trip threshold voltages. These devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when monitoring system voltages from 2.5V to 5.0V. A manual reset input is also included.



Features

♦ Tiny 4-Bump (2 X 2) Chip-Scale Package, (Package Pending Full Qualification—Expected Completion Date 6/30/01. See UCSP Reliability Section for More Details.)

♦ 70% Smaller Than SC70 Packages

♦ Ultra-Low 500nA Supply Current (MAX6406/MAX6407/MAX6408)

♦ Factory-Trimmed Reset Thresholds from 2.20V to 4.63V in Approximately 100mV Increments

♦ ±2.5% Threshold Accuracy (-40°C to +85°C)

♦ Manual Reset Input

♦ Guaranteed OUT Valid to VCC = 1.0V

♦ Three Reset Output Logic Options: Active-Low Push-Pull, Active-High Push-Pull, and Active-Low Open-Drain

♦ Immune to Short VCC Transients

♦ No External Components



Applications

  Portable/Battery-Powered Equipment

  Cell Phones

  PDAs

  MP3 Players

  Pagers



 




Similar Part No. - MAX6410BS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX641 MAXIM-MAX641 Datasheet
449Kb / 12P
Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX641-MAX643 MAXIM-MAX641-MAX643 Datasheet
449Kb / 12P
Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412 Datasheet
146Kb / 12P
Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6412 MAXIM-MAX6412 Datasheet
193Kb / 12P
Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results


Similar Description - MAX6410BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG758 AD-ADG758 Datasheet
308Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
2-Channel Voltage Detectors
logo
Maxim Integrated Produc...
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Texas Instruments
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
logo
Analog Devices
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
Texas Instruments
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
Infrared Thermopile Sensor in Chip-Scale Package
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
Infrared Thermopile Sensor in Chip-Scale Package
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com