Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7192 Datasheet (PDF) - Analog Devices

AD7192 Datasheet PDF - Analog Devices
Part # AD7192
Download  AD7192 Download
File Size   559.0 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Sigma-Delta ADC with PGA

AD7192 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7192 Datasheet PDF - Analog Devices

Part # AD7192
Download  AD7192 Click to download

File Size   559.0 Kbytes
Page   41 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Sigma-Delta ADC with PGA

AD7192 Datasheet (HTML) - Analog Devices


AD7192 Product details

FEATURES
RMS noise: 11 nV @ 4.7 Hz (gain = 128)
15.5 noise-free bits @ 2.4 kHz (gain = 128)
Up to 22 noise-free bits (gain = 1)
Offset drift: 5 nV/°C
Gain drift: 1 ppm/°C
Specified drift over time
2 differential/4 pseudo differential input channels
Automatic channel sequencer
Programmable gain (1 to 128)
Output data rate: 4.7 Hz to 4.8 kHz
Internal or external clock
Simultaneous 50 Hz/60 Hz rejection
4 general-purpose digital outputs
Power supply
AV
DD: 3 V to 5.25 V
DVDD: 2.7 V to 5.25 V
Current: 4.35 mA
Temperature range: –40°C to +105°C
Package: 24-lead TSSOP




Similar Part No. - AD7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7192BRUZ AD-AD7192BRUZ Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7192BRUZ-REEL AD-AD7192BRUZ-REEL Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
More results


Similar Description - AD7192

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
Sigma-Delta ADC with PGA and AC Excitation
30-Aug-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
logo
Analog Devices
AD4131-8 AD-AD4131-8 Datasheet
3Mb / 94P
32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com