Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7606 Datasheet (PDF) - Analog Devices

AD7606 Datasheet PDF - Analog Devices
Part # AD7606
Download  AD7606 Download
File Size   955.66 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC

AD7606 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7606 Datasheet PDF - Analog Devices

Part # AD7606
Download  AD7606 Click to download

File Size   955.66 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC

AD7606 Datasheet (HTML) - Analog Devices


AD7606 Product details

FEATURES
8/6/4 simultaneously sampled inputs
True bipolar analog input ranges: ±10 V, ±5 V
Single 5 V analog supply and 2.3 V to 5 V VDRIVE
Fully integrated data acquisition solution
Analog input clamp protection
Input buffer with 1 MΩ analog input impedance
Second-order antialiasing analog filter
On-chip accurate reference and reference buffer
16-bit ADC with 200 kSPS on all channels
Oversampling capability with digital filter
Flexible parallel/serial interface
SPI/QSPI™ /MICROWIRE™ /DSP compatible
Performance
7 kV ESD rating on analog input channels
95.5 dB SNR, − 107 dB THD
±0.5 LSB INL, ±0.5 LSB DNL
Low power: 100 mW
Standby mode: 25 mW
Temperature range: −40°C to +85°C
64-lead LQFP package




Similar Part No. - AD7606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-Channel Differential DAS with 18-Bit
REV. A
AD7606-4 AD-AD7606-4 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
More results


Similar Description - AD7606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606 Datasheet
799Kb / 36P
8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7608 AD-AD7608 Datasheet
689Kb / 32P
8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7607 AD-AD7607 Datasheet
681Kb / 32P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7616 AD-AD7616 Datasheet
1Mb / 51P
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
REV. 0
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. 0
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
Rev. C
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
Rev. 0
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
23-Feb-2017
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
6/2019-Revision 0
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
1/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com