Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDX-B20 Datasheet (PDF) - Bel Fuse Inc.

LDX-B20 Datasheet PDF - Bel Fuse Inc.
Part # LDX-B20
Download  LDX-B20 Download
File Size   602.25 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Wide voltage range 12 - 85 VDC

LDX-B20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDX-B20 Datasheet PDF - Bel Fuse Inc.

Part # LDX-B20
Download  LDX-B20 Click to download

File Size   602.25 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Wide voltage range 12 - 85 VDC

LDX-B20 Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - LDX-B20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDX-6515DS-A1M ETC-LDX-6515DS-A1M Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-R2M ETC-LDX-6515DS-R2M Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-VTM ETC-LDX-6515DS-VTM Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
logo
Bel Fuse Inc.
LDX-C120 BEL-LDX-C120 Datasheet
474Kb / 4P
DC-UPS with charging function of a 12 or 24 VDC battery
LDX-C120-12 BEL-LDX-C120-12 Datasheet
474Kb / 4P
DC-UPS with charging function of a 12 or 24 VDC battery
More results


Similar Description - LDX-B20

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
logo
Recom International Pow...
RAC10-K RECOM-RAC10-K Datasheet
503Kb / 6P
Wide input range 85-305Vac
logo
Bel Fuse Inc.
PES2200-12-080XD BEL-PES2200-12-080XD Datasheet
1Mb / 28P
Wide input voltage range: -40 to -75 VDC
SLDN-40E1AX BEL-SLDN-40E1AX Datasheet
1Mb / 47P
Wide Input Voltage Range (4.5 - 14.4 VDC)
VRAE-03E1A0 BEL-VRAE-03E1A0 Datasheet
870Kb / 11P
Wide Input Voltage Range 4.5 VDC ??13.8 VDC
VRAE-06E1A0 BEL-VRAE-06E1A0 Datasheet
867Kb / 10P
Wide Input Voltage Range 4.5 VDC ??13.8 VDC
XRAE-01E1A0 BEL-XRAE-01E1A0 Datasheet
1,007Kb / 12P
Wide Input Voltage Range 5.5 VDC ??13.8 VDC
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
logo
WAGO Kontakttechnik Gmb...
859-797 WAGO-859-797 Datasheet
492Kb / 10P
Optocoupler module; Nominal input voltage: 12 VDC; Output voltage range: 3 ??30 VDC
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com