Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT245P Datasheet (PDF) - Toshiba Semiconductor

TC74ACT245P Datasheet PDF - Toshiba Semiconductor
Part # TC74ACT245P
Download  TC74ACT245P Download
File Size   200.95 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS TRANSCEIVER

TC74ACT245P Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74ACT245P Datasheet PDF - Toshiba Semiconductor

Part # TC74ACT245P
Download  TC74ACT245P Click to download

File Size   200.95 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OCTAL BUS TRANSCEIVER

TC74ACT245P Datasheet (HTML) - Toshiba Semiconductor


TC74ACT245P Product details

DESCRIPTION

The TC51WHM516AXBN is a 33,554,432-bit pseudo static random access memory(PSRAM) organized as 2,097,152 words by 16 bits. Using Toshiba’s CMOS technology and advanced circuit techniques, it provides high density, high speed and low power. The device operates single power supply. The device also features SRAM-like W/R timing whereby the device is controlled by CE1 , OE , and WE on asynchronous. The device has the page access operation. Page size is 8 words. The device also supports deep power-down mode, realizing low-power standby.



FEATURES

• Organized as 2,097,152 words by 16 bits

• Single power supply voltage of 2.6 to 3.3 V

• Direct TTL compatibility for all inputs and outputs

• Deep power-down mode: Memory cell data invalid

• Page operation mode: Page read operation by 8 words

• Logic compatible with SRAM R/W ( WE ) pin

• Standby current

        Standby 70 µA

        Deep power-down standby 5 µA




Similar Part No. - TC74ACT245P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT245P TOSHIBA-TC74ACT245P Datasheet
299Kb / 7P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Similar Description - TC74ACT245P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
Octal Bus Transceiver
1997 REV 0
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
OCTAL BUS TRANSCEIVER
logo
Intel Corporation
M8287 INTEL-M8287 Datasheet
118Kb / 4P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN74AS620 TI-SN74AS620 Datasheet
477Kb / 10P
OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
OCTAL BUS TRANSCEIVER
1997-01-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com