Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT245P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74ACT245P
Description  OCTAL BUS TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT245P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74ACT245P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT245P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC51WHM516AXBN65,70
2002-08-22
3/11
ABSOLUTE MAXIMUM RATINGS (See Note 1)
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
−1.0 to 3.6
V
VIN
Input Voltage
−1.0 to 3.6
V
VOUT
Output Voltage
−1.0 to 3.6
V
Topr.
Operating Temperature
−25 to 85
°C
Tstrg.
Storage Temperature
−55 to 150
°C
Tsolder
Soldering Temperature (10 s)
260
°C
PD
Power Dissipation
0.6
W
IOUT
Short Circuit Output Current
50
mA
DC RECOMMENDED OPERATING CONDITIONS (Ta
==== −−−−25°C to 85°C)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VDD
Power Supply Voltage
2.6
2.75
3.3
VIH
Input High Voltage
2.0
VDD + 0.3*
VIL
Input Low Voltage
−0.3*
0.4
V
* : VIH(Max) VDD+1.0 V with 10 ns pulse width
VIL(Min) -1.0 V with 10 ns pulse width
DC CHARACTERISTICS (Ta
==== −−−−25°C to 85°C, VDD ==== 2.6 to 3.3 V) (See Note 3 to 4)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VDD
−1.0
+1.0
µA
ILO
Output Leakage Current
Output disable, VOUT = 0 V to VDD
−1.0
+1.0
µA
VOH
Output High Voltage
IOH = − 0.5 mA
2.0
V
VOL
Output Low Voltage
IOL = 1.0 mA
0.4
V
IDDO1
Operating Current
CE1
= VIL
CE2
= VIH, IOUT = 0 mA
tRC = min
40
mA
IDDO2
Page Access Operating Current
CE1
= VIL, CE2 = VIH,
Page add. cycling, IOUT = 0 mA
tPC = min
25
mA
IDDS
Standby Current(MOS)
CE1
= VDD − 0.2 V, CE2 = VDD − 0.2 V
70
µA
IDDSD
Deep Power-down Standby Current
CE2
= 0.2 V
5
µA
CAPACITANCE (Ta
==== 25°C, f ==== 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note: This parameter is sampled periodically and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com