Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74LCX240F Datasheet (PDF) - Toshiba Semiconductor

TC74LCX240F Datasheet PDF - Toshiba Semiconductor
Part # TC74LCX240F
Download  TC74LCX240F Download
File Size   193.14 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs

TC74LCX240F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74LCX240F Datasheet PDF - Toshiba Semiconductor

Part # TC74LCX240F
Download  TC74LCX240F Click to download

File Size   193.14 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs

TC74LCX240F Datasheet (HTML) - Toshiba Semiconductor


TC74LCX240F Product details

The TC74LCX240 is a high-performance CMOS octal bus buffer. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. The device is designed for low-voltage (3.3 V) VCCapplications, but it could be used to interface to 5-V supply environment for both inputs and outputs. The 74LCX240F/FT is an inverting 3-state buffer having two active-low output enables. This device is designed to be used with 3-state memory address drivers, etc. All inputs are equipped with protection circuits against static discharge.





Features

•  Low-voltage operation: VCC= 1.65 to 3.6 V

•  High-speed operation: tpd= 6.5 ns (max) (VCC= 3.0 to 3.6 V)

•  Ouput current: |IOH|/IOL= 24 mA (min) (VCC= 3.0 V)

•  Latch-up performance: >±500 mA

•  Available in JEITA SOP, TSSOP and VSSOP (US)

•  Power-down protection providedon all inputs and outputs

•  Pin and function compatible with the 74 series

(74AC/VHC/HC/F/ALS/LS etc.) 240 type




Similar Part No. - TC74LCX240F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
243Kb / 9P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240FK TOSHIBA-TC74LCX240FK Datasheet
243Kb / 9P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240FK TOSHIBA-TC74LCX240FK_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240FT TOSHIBA-TC74LCX240FT Datasheet
243Kb / 9P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240FT TOSHIBA-TC74LCX240FT_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results


Similar Description - TC74LCX240F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ240FK TOSHIBA-TC7MZ240FK Datasheet
230Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK Datasheet
233Kb / 6P
LOW-VOLTAGE OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ541FK TOSHIBA-TC7MZ541FK_07 Datasheet
186Kb / 7P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_07 Datasheet
243Kb / 9P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com