Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-65967 Datasheet (PDF) - Exar Corporation

PE-65967 Datasheet PDF - Exar Corporation
Part # PE-65967
Download  PE-65967 Download
File Size   608.47 Kbytes
Page   55 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description E3/DS3/STS-1 LINE INTERFACE UNIT

PE-65967 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE-65967 Datasheet PDF - Exar Corporation

Part # PE-65967
Download  PE-65967 Click to download

File Size   608.47 Kbytes
Page   55 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description E3/DS3/STS-1 LINE INTERFACE UNIT

PE-65967 Datasheet (HTML) - Exar Corporation


PE-65967 Product details

GENERAL DESCRIPTION
The XRT7300 DS3/E3/STS-1 Line Interface Unit is designed to be used in DS3, E3 or SONET STS-1 applications and consists of a line transmitter and receiver integrated on a single chip.

FEATURES
• Meets E3/DS3/STS-1 Jitter Tolerance Requirements
• Full Loop-Back Capability
• Transmit and Receive Power Down Modes
• Full Redundancy Support
• Contains a 4-Wire Microprocessor Serial Interface
• Uses Minimum External components
• Requires Single +5V Power Supply
• -40°C to +85°C Operating Temperature Range
• Available in a 44 pin TQFP package

APPLICATIONS
• Interfaces to E3, DS3 or SONET STS-1 Networks
• CSU/DSU Equipment
• PCM Test Equipment
• Fiber Optic Terminals
• Multiplexers




Similar Part No. - PE-65967

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65967 PULSE-PE-65967 Datasheet
115Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-65967 PULSE-PE-65967 Datasheet
125Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-65967 PULSE-PE-65967 Datasheet
154Kb / 8P
TRANSFORMERS
PE-65967NL PULSE-PE-65967NL Datasheet
125Kb / 4P
T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
PE-65967NL PULSE-PE-65967NL Datasheet
920Kb / 4P
RoHS peak reflow temperature rating 245
More results


Similar Description - PE-65967

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF3452 INFINEON-PEF3452 Datasheet
1Mb / 71P
Line Interface Unit for DS3, STS 1 and E3
V 1.3 December 2001
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com