Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX2573GD-WS Datasheet (PDF) - LUMEX INC.

SSL-LX2573GD-WS Datasheet PDF - LUMEX INC.
Part # SSL-LX2573GD-WS
Download  SSL-LX2573GD-WS Download
File Size   52.25 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 2mm X 5mm RECTANGULAR 565mm GREEN LED

SSL-LX2573GD-WS Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX2573GD-WS Datasheet PDF - LUMEX INC.

Part # SSL-LX2573GD-WS
Download  SSL-LX2573GD-WS Click to download

File Size   52.25 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 2mm X 5mm RECTANGULAR 565mm GREEN LED

SSL-LX2573GD-WS Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX2573GD-WS

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2573GD-5V LUMEX-SSL-LX2573GD-5V Datasheet
64Kb / 1P
QUASARBRITE 2mm X 5mm RECTANGULAR LED
SSL-LX2573GD-BL5 LUMEX-SSL-LX2573GD-BL5 Datasheet
53Kb / 1P
2.5mm X 5mm RECTANGULAR 565mm GREEN LED
SSL-LX2573GD-BL6 LUMEX-SSL-LX2573GD-BL6 Datasheet
50Kb / 1P
2.5mm X 5mm RECTANGULAR LED WITH FORMING LEADS
More results


Similar Description - SSL-LX2573GD-WS

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2344GD LUMEX-SSL-LX2344GD Datasheet
51Kb / 1P
2mm X 3mm RECTANGULAR 565mm Green LED
SSL-LX2473GD LUMEX-SSL-LX2473GD Datasheet
51Kb / 1P
2mm X 4mm RECTANGULAR 565mm GREEN LED
SSL-LX2473YD LUMEX-SSL-LX2473YD Datasheet
51Kb / 1P
2mm X 4mm RECTANGULAR 565mm YELLOW LED
SSL-LX2573GD-BL5 LUMEX-SSL-LX2573GD-BL5 Datasheet
53Kb / 1P
2.5mm X 5mm RECTANGULAR 565mm GREEN LED
SSL-LX2573GHW LUMEX-SSL-LX2573GHW Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573YD-BL5 LUMEX-SSL-LX2573YD-BL5 Datasheet
53Kb / 1P
2mm X 5mm RECTANGULAR 565mm YELLOW LED
SSL-LX2579IGW LUMEX-SSL-LX2579IGW Datasheet
91Kb / 1P
2mm X 5mm Rectangular LED
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
2mm X 5mm Rectangular LED
SSL-LX2579YGW LUMEX-SSL-LX2579YGW Datasheet
91Kb / 1P
2mm X 5mm Rectangular LED
SSL-LX2583GD LUMEX-SSL-LX2583GD Datasheet
52Kb / 1P
2mm X 5.5mm RECTANGULAR, 565mm GREEN LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com