Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5750 Datasheet (PDF) - Microsemi Corporation

1N5750 Datasheet PDF - Microsemi Corporation
Part # 1N5750
Download  1N5750 Download
File Size   53.93 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 400MW ZENER DIODES

1N5750 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5750 Datasheet PDF - Microsemi Corporation

Part # 1N5750
Download  1N5750 Click to download

File Size   53.93 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 400MW ZENER DIODES

1N5750 Datasheet (HTML) - Microsemi Corporation


1N5750 Product details

FEATURES
• ZENER VOLTAGE 4.7 TO 75V
• SMALL RUGGED DOUBLE SLUG CONSTRUCTION DO-35
• CONSTRUCTED WITH AN OXIDE PASSIVATED ALL DIFFUSED DIE




Similar Part No. - 1N5750

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5750A NJSEMI-1N5750A Datasheet
320Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Microsemi Corporation
1N5750B MICROSEMI-1N5750B Datasheet
53Kb / 2P
SILICON 400 mW ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5750B NJSEMI-1N5750B Datasheet
68Kb / 1P
ZENER VOLTAGE 4.7 TO 75V
logo
Microsemi Corporation
1N5750B MICROSEMI-1N5750B Datasheet
319Kb / 3P
Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5750B-1 MICROSEMI-1N5750B-1 Datasheet
319Kb / 3P
Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
More results


Similar Description - 1N5750

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
SILICON ZENER DIODES
logo
Solid States Devices, I...
SZ25A2.4 SSDI-SZ25A2.4 Datasheet
108Kb / 2P
250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
Zener silicon diodes
logo
Micro Commercial Compon...
MMSD914 MCC-MMSD914 Datasheet
174Kb / 2P
400mW Fast Switching Diodes
logo
Continental Device Indi...
1N957B CDIL-1N957B Datasheet
293Kb / 3P
SILICON 400mW ZENER DIODES 6.8V TO 47V
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
MMSD914 MCC-MMSD914_16 Datasheet
354Kb / 3P
400mW Fast Switching Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com