Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7732 Datasheet (PDF) - Analog Devices

AD7732 Datasheet PDF - Analog Devices
Part # AD7732
Download  AD7732 Download
File Size   1576.34 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC

AD7732 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7732 Datasheet PDF - Analog Devices

Part # AD7732
Download  AD7732 Click to download

File Size   1576.34 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC

AD7732 Datasheet (HTML) - Analog Devices


AD7732 Product details

GENERAL DESCRIPTION

The AD7732 is a high precision, high throughput analog front end. True 16-bit p-p resolution is achievable with a total conversion time of 500 µs (2 kHz channel switching), making it ideally suitable for high resolution multiplexing applications.



FEATURES

High resolution ADC

  24 bits no missing codes

  ±0.0015% nonlinearity

Optimized for fast channel switching

  18-bit p-p resolution (21 bits effective) at 500 Hz

  16-bit p-p resolution (19 bits effective) at 2 kHz

  14-bit p-p resolution (18 bits effective) at 15 kHz

  On-chip per channel system calibration

2 fully differential analog inputs

  Input ranges +5 V, ±5 V, +10 V, ±10 V

  Overvoltage tolerant

  Up to ±16.5 V not affecting adjacent channel

  Up to ±50 V absolute maximum

3-wire serial interface

  SPI™, QSPI™, MICROWIRE™, and DSP compatible

  Schmitt trigger on logic inputs

Single-supply operation

  5 V analog supply

  3 V or 5 V digital supply

Package: 28-lead TSSOP



APPLICATIONS

PLCs/DCS

Multiplexing applications

Process control

Industrial instrumentation



 




Similar Part No. - AD7732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7732 AD-AD7732 Datasheet
434Kb / 33P
2-Channel 10 V Input Range, High Throughput
A
AD7732BRU AD-AD7732BRU Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRU AD-AD7732BRU Datasheet
434Kb / 33P
2-Channel 10 V Input Range, High Throughput
A
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ AD-AD7732BRUZ Datasheet
434Kb / 33P
2-Channel 10 V Input Range, High Throughput
A
More results


Similar Description - AD7732

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7734 AD-AD7734 Datasheet
1Mb / 32P
4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
REV. 0
AD7739 AD-AD7739 Datasheet
380Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
B
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com