Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7732 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 2 Page - Analog Devices

  AD7732 Datasheet HTML 1Page - Analog Devices AD7732 Datasheet HTML 2Page - Analog Devices AD7732 Datasheet HTML 3Page - Analog Devices AD7732 Datasheet HTML 4Page - Analog Devices AD7732 Datasheet HTML 5Page - Analog Devices AD7732 Datasheet HTML 6Page - Analog Devices AD7732 Datasheet HTML 7Page - Analog Devices AD7732 Datasheet HTML 8Page - Analog Devices AD7732 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD7732
TABLE OF CONTENTS
AD7732—Specifications.................................................................. 3
Timing Specifications....................................................................... 6
Absolute Maximum Ratings............................................................ 8
Typical Performance Characteristics ............................................. 9
Output Noise and Resolution Specification................................ 10
Chopping Enabled...................................................................... 10
Chopping Disabled..................................................................... 11
Pin Configurations and Functional Descriptions ...................... 12
Register Description....................................................................... 14
Register Access............................................................................ 15
Communications Register......................................................... 15
I/O Port Register......................................................................... 16
Revision Register ........................................................................ 16
Test Register ................................................................................ 16
ADC Status Register................................................................... 17
Checksum Register..................................................................... 17
ADC Zero-Scale Calibration Register ..................................... 17
ADC Full-Scale Register............................................................ 17
Channel Data Registers ............................................................. 17
Channel Zero-Scale Calibration Registers .............................. 18
Channel Full-Scale Calibration Registers................................ 18
Channel Status Registers ........................................................... 18
Channel Setup Registers ............................................................ 19
Channel Conversion Time Registers ....................................... 19
Mode Register ............................................................................. 20
Digital Interface Description ........................................................ 22
Hardware ..................................................................................... 22
Reset ............................................................................................. 23
Access the AD7732 Registers.................................................... 23
Single Conversion and Reading Data ...................................... 23
Dump Mode................................................................................ 24
Continuous Conversion Mode ................................................. 24
Continuous Read (Continuous Conversion) Mode .............. 25
Circuit Description......................................................................... 26
Analog Front End....................................................................... 26
Analog Input’s Extended Voltage Range ................................. 27
Chopping ..................................................................................... 27
Multiplexer, Conversion, and Data Output Timing.............. 28
Sigma-Delta ADC....................................................................... 28
Frequency Response .................................................................. 29
Voltage Reference Inputs........................................................... 29
Reference Detect......................................................................... 29
I/O Port........................................................................................ 30
Calibration................................................................................... 30
ADC Zero-Scale Self-Calibration ............................................ 30
Per Channel System Calibration .............................................. 30
High Common-Mode Voltage Application............................. 31
Outline Dimensions ....................................................................... 32
REVISION HISTORY
Revision 0: Initial Version
Rev. 0 | Page 2 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com