Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7732 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7732
Description  2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7732 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7732 Datasheet HTML 17Page - Analog Devices AD7732 Datasheet HTML 18Page - Analog Devices AD7732 Datasheet HTML 19Page - Analog Devices AD7732 Datasheet HTML 20Page - Analog Devices AD7732 Datasheet HTML 21Page - Analog Devices AD7732 Datasheet HTML 22Page - Analog Devices AD7732 Datasheet HTML 23Page - Analog Devices AD7732 Datasheet HTML 24Page - Analog Devices AD7732 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7732
Rev. 0 | Page 21 of 32
MD2 MD1 MD0
Operating Mode
0
0
0
Idle Mode
The default mode after power-on or reset.
The AD7732 automatically returns to this mode after any calibration or after a single conversion.
0
0
1
Continuous Conversion Mode
The AD7732 performs a conversion on the specified channel. After the conversion is complete, the relevant channel
data register and channel status register are updated, the relevant RDY bit in the ADC status register is set, and the
AD7732 continues converting on the next enabled channel. The part will cycle through all enabled channels until it is
put into another mode or reset. The cycle period will be the sum of all enabled channels’ conversion times, set by the
corresponding channel conversion time registers.
0
1
0
Single Conversion Mode
The AD7732 performs a conversion on the specified channel. After the conversion is complete, the relevant channel
data register and channel status register are updated, the relevant RDY bit in the ADC status register is set, the RDY pin
goes low, the MD2–MD0 bits are reset, and the AD7732 returns to idle mode. Requesting a single conversion ignores
the channel setup register enable bits; a conversion will be performed even if that channel is disabled.
0
1
1
Power-Down (Standby) Mode
The ADC and the analog front end (internal buffer) go into the power-down mode.
The AD7732 digital interface can still be accessed. The CLKDIS bit works separately, and the MCLKOUT mode is not
affected by the power-down (standby) mode.
1
0
0
ADC Zero-Scale Self-Calibration Mode
A zero-scale self-calibration is performed on internally shorted ADC inputs.
After the calibration is complete, the contents of the ADC zero-scale calibration register are updated, all RDY bits in the
ADC status register are set, the RDY pin goes low, the MD2–MD0 bits are reset, and the AD7732 returns to idle mode.
1
0
1
For Future Use.
1
1
0
Channel Zero-Scale System Calibration Mode
A zero-scale system calibration is performed on the selected channel. An external system zero-scale voltage should be
provided at the AD7732 analog input and should remain stable for the duration of the calibration. After the calibration
is complete, the contents of the corresponding channel zero-scale calibration register are updated, all RDY bits in the
ADC status register are set, the RDY pin goes low, the MD2–MD0 bits are reset, and the AD7732 returns to idle mode.
1
1
1
Channel Full-Scale System Calibration Mode
A full-scale system calibration is performed on the selected channel. An external system full-scale voltage should be
provided at the AD7732 analog input and this voltage should remain stable for the duration of the calibration. After
the calibration is complete, the contents of the corresponding channel full-scale calibration register are updated, all
RDY bits in the ADC status register are set, the RDY pin goes low, the MD2–MD0 bits are reset, and the AD7732 returns
to idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com