Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2270 Datasheet (PDF) - Integrated Device Technology

F2270 Datasheet PDF - Integrated Device Technology
Part # F2270
Download  F2270 Download
File Size   5106.39 Kbytes
Page   28 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz

F2270 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2270 Datasheet PDF - Integrated Device Technology

Part # F2270
Download  F2270 Click to download

File Size   5106.39 Kbytes
Page   28 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz

F2270 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - F2270

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
1Mb / 29P
Voltage Variable Attenuator
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270EVBI IDT-F2270EVBI Datasheet
1Mb / 29P
Voltage Variable Attenuator
logo
Renesas Technology Corp
F2270EVBI RENESAS-F2270EVBI Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270NLGK IDT-F2270NLGK Datasheet
1Mb / 29P
Voltage Variable Attenuator
More results


Similar Description - F2270

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6762 TRIQUINT-QPC6762 Datasheet
1Mb / 14P
75(ohm) SP6T Switch 5MHz to 2000MHz
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
Voltage Variable Attenuator
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
75廓 SP2T RF Switch 5MHz to 3000MHz
logo
Qorvo, Inc
QPC7334 QORVO-QPC7334 Datasheet
802Kb / 14P
5MHz to 684MHz Variable Equalizer
October 22, 2021
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com