Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet (PDF) - Renesas Technology Corp

F2255 Datasheet PDF - Renesas Technology Corp
Part # F2255
Download  F2255 Download
File Size   2351.68 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Variable RF Attenuator 1MHz to 3000MHz

F2255 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2255 Datasheet PDF - Renesas Technology Corp

Part # F2255
Download  F2255 Click to download

File Size   2351.68 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Voltage Variable RF Attenuator 1MHz to 3000MHz

F2255 Datasheet (HTML) - Renesas Technology Corp


F2255 Product details

GENERAL DESCRIPTION
The F2255 is a low insertion loss Voltage Variable RF
Attenuator (VVA) designed for a multitude of wireless
and other RF applications. This device covers a broad
frequency range from 1MHz to 3000MHz. In addition
to providing low insertion loss, the F2255 provides
excellent linearity performance over its entire voltage
control and attenuation range.
The F2255 uses a single positive supply voltage of
3.15V to 5.25V. Other features include the VMODE pin
allowing either positive or negative voltage control
slope vs attenuation and multi-directional operation
meaning the RF input can be applied to either RF1 or
RF2 pins. Control voltage ranges from 0V to 3.6V
using either positive or negative control voltage slope.

FEATURES
• Low Insertion Loss: 1.1dB @ 500MHz
• Typical / Min IIP3: 60dBm / 46dBm
• Typical / Min IIP2: 98dBm / 74dBm
• 33dB Attenuation Range
• Bi-directional RF ports
• +36dBm Input P1dB compression
• VMODE pin allows either positive or negative
control response
• Linear-in-dB attenuation characteristic
• Supply voltage: 3.15V to 5.25V
• VCTRL range: 0V to 3.6V using 5V supply
• +105°C max operating temperature
• 3mm x 3mm, 16-pin QFN package




Similar Part No. - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2255NLGI IDT-F2255NLGI Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
F2255NLGI8 IDT-F2255NLGI8 Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
More results


Similar Description - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2270 IDT-F2270 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
Voltage Variable RF Attenuator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com