Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2255
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2255 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2255 Datasheet HTML 1Page - Renesas Technology Corp F2255 Datasheet HTML 2Page - Renesas Technology Corp F2255 Datasheet HTML 3Page - Renesas Technology Corp F2255 Datasheet HTML 4Page - Renesas Technology Corp F2255 Datasheet HTML 5Page - Renesas Technology Corp F2255 Datasheet HTML 6Page - Renesas Technology Corp F2255 Datasheet HTML 7Page - Renesas Technology Corp F2255 Datasheet HTML 8Page - Renesas Technology Corp F2255 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
4
May 7, 2021
F2255
Datasheet
F2255 SPECIFICATIONS
Refer to EVKit / Applications Circuit, VDD = +3.3V, TC = +25°C, signals applied to RF1 input, FRF = 500MHz, minimum
attenuation, PIN = 0dBm for small signal parameters, +20dBm for single tone linearity tests, +20dBm per tone for
two tone tests, two tone delta frequency = 80MHz, PCB board traces and connector losses are de-embedded unless
otherwise noted. Refer to Typical Operating Curves for performance over entire frequency band.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Insertion Loss, IL
AMIN
Minimum Attenuation
1.1
1.7 1
dB
Maximum attenuation
AMAX
33
34.6
dB
Insertion Phase Δ
ΦΔMAX
At 36dB attenuation
relative to Insertion Loss
27
deg
ΦΔMID
At 18dB attenuation
relative to Insertion Loss
8
Input 1dB Compression 3
P1dB
36
dBm
Minimum RF1 Return Loss
over control voltage range
S11
20MHz
23
dB
500MHz
22
2000MHz
23
3000MHz
30
Minimum RF2 Return Loss
over control voltage range
S22
20MHz
23
dB
500MHz
22
2000MHz
23
3000MHz
24
Input IP3
IIP3
60
dBm
Input IP3 over Attenuation
IIP3ATTEN
All attenuation settings
44 2
46
Minimum Output IP3
OIP3MIN
Maximum attenuation
35
Input IP2
IIP2
PIN + IM2dBC,
IM2 term is F1+F2
98
dBm
Minimum Input IP2
IIP2MIN
All attenuation settings
74
dBm
Input IH2
HD2
PIN + H2dBc
82
dBm
Input IH3
HD3
PIN + (H3dBc/2)
49
dBm
Settling Time
TSETTL0.1dB
Any 1dB step in the 0dB
to 33dB control range
50% VCTRL to RF settled to
within ± 0.1dB
15
μSec
Specification Notes:
1 – Items in min/max columns in
bold italics are Guaranteed by Test.
2 – Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
3 – The input 1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section
along with Figure 1 for the maximum RF input power vs. RF frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com