Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2255
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2255 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2255 Datasheet HTML 9Page - Renesas Technology Corp F2255 Datasheet HTML 10Page - Renesas Technology Corp F2255 Datasheet HTML 11Page - Renesas Technology Corp F2255 Datasheet HTML 12Page - Renesas Technology Corp F2255 Datasheet HTML 13Page - Renesas Technology Corp F2255 Datasheet HTML 14Page - Renesas Technology Corp F2255 Datasheet HTML 15Page - Renesas Technology Corp F2255 Datasheet HTML 16Page - Renesas Technology Corp F2255 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
13
May 7, 2021
F2255
Datasheet
TYPICAL OPERATING CONDITIONS 500MHZ, VDD=3.3V [IPX, IHX VS. VCTRL, RF1/RF2 DRIVEN] (-8-)
Input IP3 vs. VCTRL
Input IP2 vs. VCTRL
2nd Harm Input Intercept Point vs. VCTRL
Output IP3 vs. VCTRL
Output IP2 vs. VCTRL
3rd Harm Input Intercept Point vs. VCTRL
20
30
40
50
60
70
80
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
40
50
60
70
80
90
100
110
120
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
50
60
70
80
90
100
110
120
130
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
10
20
30
40
50
60
70
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
30
40
50
60
70
80
90
100
110
120
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven
10
20
30
40
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2
2.4
2.8
VCTRL (V)
-40C / RF1 Driven
25C / RF1 Driven
105C / RF1 Driven
-40C / RF2 Driven
25C / RF2 Driven
105C / RF2 Driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com