Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2255
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2255 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2255 Datasheet HTML 1Page - Renesas Technology Corp F2255 Datasheet HTML 2Page - Renesas Technology Corp F2255 Datasheet HTML 3Page - Renesas Technology Corp F2255 Datasheet HTML 4Page - Renesas Technology Corp F2255 Datasheet HTML 5Page - Renesas Technology Corp F2255 Datasheet HTML 6Page - Renesas Technology Corp F2255 Datasheet HTML 7Page - Renesas Technology Corp F2255 Datasheet HTML 8Page - Renesas Technology Corp F2255 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
2
May 7, 2021
F2255
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter / Condition
Symbol
Min
Max
Units
VDD to GND
VDD
-0.3
5.5
V
VMODE to GND
VMODE
-0.3
Minimum ( VDD, 3.9 )
V
VCTRL to GND
VDD = 0V to 5.25V
VCTRL
-0.3
Minimum ( VDD, 4.0 )
V
RF1, RF2 to GND
VRF
-0.3
0.3
V
RF1 or RF2 Input Power applied for 24 hours maximum
(
VDD applied @ 2GHz and Tc=+85°C)
PMAX24
30
dBm
RF1 or RF2 Continuous Operating Power
PMAX_OP
See Figure 1
dBm
Maximum Junction Temperature
TJMAX
+150
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ESD Voltage– HBM (Per ESD STM5.1-2007)
VESDHBM
Class 2
ESD Voltage – CDM (Per ESD STM5.3.1-2009)
VESDCDM
Class C3
FIGURE 1: MAXIMUM OPERATING RF INPUT POWERS VS. RF FREQUENCY
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
ΘJA (Junction – Ambient)
80.6°C/W
ΘJC (Junction – Case) The Case is defined as the exposed paddle
5.1°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com