Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2255
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2255 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2255 Datasheet HTML 4Page - Renesas Technology Corp F2255 Datasheet HTML 5Page - Renesas Technology Corp F2255 Datasheet HTML 6Page - Renesas Technology Corp F2255 Datasheet HTML 7Page - Renesas Technology Corp F2255 Datasheet HTML 8Page - Renesas Technology Corp F2255 Datasheet HTML 9Page - Renesas Technology Corp F2255 Datasheet HTML 10Page - Renesas Technology Corp F2255 Datasheet HTML 11Page - Renesas Technology Corp F2255 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
8
May 7, 2021
F2255
Datasheet
TYPICAL OPERATING CONDITIONS [S2P VS. VCTRL& TEMPERATURE] (-3-)
Attenuation Response vs. VCTRL
RF1 Return Loss vs. VCTRL
Insertion Phase ∆ vs. VCTRL
Attenuation Slope vs. VCTRL
RF2 Return Loss vs. VCTRL
Insertion Phase Slope vs. VCTRL
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCTRL (V)
-40C / 15MHz
-40C / 500MHz
-40C / 1200MHz
25C / 15MHz
25C / 500MHz
25C / 1200MHz
105C / 15MHz
105C / 500MHz
105C / 1200MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCTRL (V)
-40C / 15MHz
-40C / 500MHz
-40C / 1200MHz
25C / 15MHz
25C / 500MHz
25C / 1200MHz
105C / 15MHz
105C / 500MHz
105C / 1200MHz
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCTRL (V)
-40C / 15MHz
-40C / 500MHz
-40C / 1200MHz
25C / 15MHz
25C / 500MHz
25C / 1200MHz
105C / 15MHz
105C / 500MHz
105C / 1200MHz
0
5
10
15
20
25
30
35
40
45
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
VCTRL (V)
-40C / 15MHz
-40C / 500MHz
-40C / 1200MHz
25C / 15MHz
25C / 500MHz
25C / 1200MHz
105C / 15MHz
105C / 500MHz
105C / 1200MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCTRL (V)
-40C / 15MHz
-40C / 500MHz
-40C / 1200MHz
25C / 15MHz
25C / 500MHz
25C / 1200MHz
105C / 15MHz
105C / 500MHz
105C / 1200MHz
0
10
20
30
40
50
60
70
80
0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8
VCTRL (V)
-40C / 15MHz
-40C / 500MHz
-40C / 1200MHz
25C / 15MHz
25C / 500MHz
25C / 1200MHz
105C / 15MHz
105C / 500MHz
105C / 1200MHz
(positive phase = electrically shorter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com