Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F2255
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2255 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F2255 Datasheet HTML 14Page - Renesas Technology Corp F2255 Datasheet HTML 15Page - Renesas Technology Corp F2255 Datasheet HTML 16Page - Renesas Technology Corp F2255 Datasheet HTML 17Page - Renesas Technology Corp F2255 Datasheet HTML 18Page - Renesas Technology Corp F2255 Datasheet HTML 19Page - Renesas Technology Corp F2255 Datasheet HTML 20Page - Renesas Technology Corp F2255 Datasheet HTML 21Page - Renesas Technology Corp F2255 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
18
May 7, 2021
F2255
Datasheet
APPLICATIONS INFORMATION
Default Start-up
VMODE must be tied to either GND or Logic High. If the VCTRL pin is left floating, the part will power up in the
minimum attenuation state when VMODE = GND, or the maximum attenuation state when VMODE = High.
VCTRL
The voltage level on the VCTRL pin is used to control the attenuation of the F2255. At VCTRL =0V, the
attenuation is a minimum (maximum) in the negative (positive) slope mode. An increasing (decreasing)
voltage on VCTRL produces an increasing (decreasing) attenuation respectively. The VCTRL pin has an on-chip
pull-up ESD diode so VDD should be applied before VCTRL is applied (see Recommended Operating Conditions
for details). If this sequencing is not possible, then resistor R2 in the application circuit should be set to 1kΩ
to limit the current into the VCTRL pin.
VMODE
The VMODE pin is used to set the slope of the attenuation. The attenuation is varied by VCTRL as described in
the next section. Setting VMODE to a logic LOW (HIGH) will set the attenuation slope to negative (positive). A
negative (positive) slope is defined as an increased (decreased) attenuation with increasing VCTRL voltage. The
Evaluation Kit provides an on-board jumper to manually set the VMODE. Install a jumper on header J2 from
VMODE to the pin marked Lo (Hi) to set the device for a negative (positive) slope (see application circuit).
RF1 and RF2 Ports
The F2255 is a bi-directional device, allowing RF1 or RF2 to be used as the RF input. RF1 has some enhanced
linearity performance, and therefore should be used as the RF input, when possible, for best results. The
F2255 has been designed to accept high RF input power levels; therefore, VDD must be applied prior to the
application of RF power to ensure reliability. DC blocking capacitors are required on the RF pins and should
be set to a value that results in a low reactance over the frequency range of interest.
Power Supplies
The supply pin should be bypassed with external capacitors to minimize noise and fast transients. Supply
noise can degrade noise figure and fast transients can trigger ESD clamps and cause them to fail. Supply
voltage change or transients should have a slew rate smaller than 1V/20uS. In addition, all control pins
should remain at 0V (+/-0.3V) while the supply voltage ramps or while it returns to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com