Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5332 Datasheet (PDF) - Anpec Electronics Coropration

APL5332 Datasheet PDF - Anpec Electronics Coropration
Part # APL5332
Download  APL5332 Download
File Size   161.53 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description CMOS LDO with Source-Sink & Output Selection Functions

APL5332 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5332 Datasheet PDF - Anpec Electronics Coropration

Part # APL5332
Download  APL5332 Click to download

File Size   161.53 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description CMOS LDO with Source-Sink & Output Selection Functions

APL5332 Datasheet (HTML) - Anpec Electronics Coropration


APL5332 Product details

General Description
The APL5332 is a precise CMOS LDO with source sink and output selection functions. The APL5332 offers 2% output accuracy. The APL5332 integrates with two power mosfets to source and sink current as well as current and thermal limit into a single chip. The output voltage can be 1.225V or 1.45V by BS pin selection, and also can be adjusted by an external resistor divider connected to FB pin.

Features
• LDO with Source and Sink capabilities
• Single Input Voltage
• Input Voltage Range from 2.5V to 5.0V
• Use One Pin to Select Fixed Output Voltage
• Use One Pin to Choose Output Voltage by External Resistors
• Output Voltage Accuracy : ±2%
• Current Limit Protection
• Thermal Shutdown Protection
• Fast Transient Response
• Stability with low-ESR capacitors
• TO-252-5, SOP-8 and SOP-8-P Packages

Applications
• Desktop computers




Similar Part No. - APL5332

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
More results


Similar Description - APL5332

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
Transistors (Selection Guide by Applications and Functions)
2SD2328 PANASONIC-2SD2328 Datasheet
105Kb / 1P
TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
2SD2331 PANASONIC-2SD2331 Datasheet
82Kb / 1P
TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Analog Devices
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
Automatic System Power-Source Selection
Rev 0; 10/09
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Analog Devices
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
MAX38913 AD-MAX38913_V01 Datasheet
1Mb / 20P
4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com