Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet (PDF) - ATMEL Corporation

ATF1504ASV Datasheet PDF - ATMEL Corporation
Part # ATF1504ASV
Download  ATF1504ASV Download
File Size   314.24 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-voltage, Complex Programmable Logic Device

ATF1504ASV Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF1504ASV Datasheet PDF - ATMEL Corporation

Part # ATF1504ASV
Download  ATF1504ASV Click to download

File Size   314.24 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-voltage, Complex Programmable Logic Device

ATF1504ASV Datasheet (HTML) - ATMEL Corporation


ATF1504ASV Product details

Description
The ATF1504ASV(L) is a high-performance, high-density complex programmable logic device (CPLD) that utilizes Atmel’s proven electrically-erasable memory technology. With 64 logic acrocells and up to 68 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs. The ATF1504ASV(L)’s enhanced routing switch matrices increase usable gate count and the odds of successful pin-locked design modifications.

Features
• High-density, High-performance, Electrically-erasable Complex Programmable Logic Device
   – 3.0 to 3.6V Operating Range
   – 64 Macrocells
   – 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
   – 44, 68, 84, 100 Pins
   – 15 ns Maximum Pin-to-pin Delay
   – Registered Operation up to 77 MHz
   – Enhanced Routing Resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell
   – D/T/Latch Configurable Flip-flops
   – Global and Individual Register Control Signals
   – Global and Individual Output Enable
   – Programmable Output Slew Rate
   – Programmable Output Open-collector Option
   – Maximum Logic Utilization by Burying a Register with a COM Output
• Advanced Power Management Features
   – Automatic 5 µA Standby for “L” Version
   – Pin-controlled 100 µA Standby Mode (Typical)
   – Programmable Pin-keeper Circuits on Inputs and I/Os
   – Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-, 68-, and 84-lead PLCC; 44- and 100-lead TQFP; and 100-lead PQFP
• Advanced EE Technology
   – 100% Tested
   – Completely Reprogrammable
   – 10,000 Program/Erase Cycles
   – 20 Year Data Retention
   – 2000V ESD Protection
   – 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• PCI-compliant
• Security Fuse Feature
• Green (Pb/Halide-free/RoHS Compliant) Package Options

Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Transparent-latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• VCC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
   – Edge-controlled Power-down “L”
   – Individual Macrocell Power Option
   – Disable ITD on Global Clocks, Inputs and I/O




Similar Part No. - ATF1504ASV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
logo
Microchip Technology
ATF1504ASV MICROCHIP-ATF1504ASV Datasheet
1Mb / 30P
ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
Revision A 03/2019
logo
ATMEL Corporation
ATF1504ASV-15AC44 ATMEL-ATF1504ASV-15AC44 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
ATF1504ASV-15AI100 ATMEL-ATF1504ASV-15AI100 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
ATF1504ASV-15AI44 ATMEL-ATF1504ASV-15AI44 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
More results


Similar Description - ATF1504ASV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
High performance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
High-performance Complex Programmable Logic Device
AT22LV10 ATMEL-AT22LV10_14 Datasheet
415Kb / 12P
Low-voltage Programmable Logic Device
AT22LV10L ATMEL-AT22LV10L_14 Datasheet
415Kb / 12P
Low-voltage Programmable Logic Device
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com