Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASL Datasheet (PDF) - ATMEL Corporation

ATF1504ASL Datasheet PDF - ATMEL Corporation
Part # ATF1504ASL
Download  ATF1504ASL Download
File Size   393.88 Kbytes
Page   33 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High performance Complex Programmable Logic Device

ATF1504ASL Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF1504ASL Datasheet PDF - ATMEL Corporation

Part # ATF1504ASL
Download  ATF1504ASL Click to download

File Size   393.88 Kbytes
Page   33 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High performance Complex Programmable Logic Device

ATF1504ASL Datasheet (HTML) - ATMEL Corporation


ATF1504ASL Product details

Description
The ATF1504AS is a high-performance, high-density complex programmable logic device (CPLD) that utilizes Atmel’s proven electrically-erasable memory technology. With 64 logic macrocells and up to 68 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs. The ATF1504AS’s enhanced routing switch matrices increase usable gate count and the odds of successful pin-locked design modifications.
The ATF1504AS has up to 68 bi-directional I/O pins and four dedicated input pins, depending on the type of device package selected. Each dedicated pin can also serve as a global control signal, register clock, register reset or output enable. Each of these control signals can be selected for use individually within each macrocell.

Features
• High-density, High-performance, Electrically-erasable Complex Programmable Logic Device
   – 64 Macrocells
   – 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
   – 44, 68, 84, 100 Pins
   – 7.5 ns Maximum Pin-to-pin Delay
   – Registered Operation up to 125 MHz
   – Enhanced Routing Resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell
   – D/T/Latch Configurable Flip-flops
   – Global and Individual Register Control Signals
   – Global and Individual Output Enable
   – Programmable Output Slew Rate
   – Programmable Output Open Collector Option
   – Maximum Logic Utilization by Burying a Register with a COM Output
• Advanced Power Management Features
   – Automatic µA Standby for “L” Version
   – Pin-controlled 1 mA Standby Mode
   – Programmable Pin-keeper Circuits on Inputs and I/Os
   – Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-, 68-, and 84-lead PLCC; 44- and 100-lead TQFP; and 100-lead PQFP
• Advanced EE Technology
   – 100% Tested
   – Completely Reprogrammable
   – 10,000 Program/Erase Cycles
   – 20-year Data Retention
   – 2000V ESD Protection
   – 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• PCI-compliant
• 3.3V or 5.0V I/O Pins
• Security Fuse Feature
• Green (Pb/Halide-fee/RoHS Compliant) Package Options

Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Transparent – Latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• VCC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
   – Edge-controlled Power-down “L”
   – Individual Macrocell Power Option
   – Disable ITD on Global Clocks, Inputs and I/O




Similar Part No. - ATF1504ASL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASL ATMEL-ATF1504ASL Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASL-20AC100 ATMEL-ATF1504ASL-20AC100 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASL-20AC44 ATMEL-ATF1504ASL-20AC44 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASL-20JC44 ATMEL-ATF1504ASL-20JC44 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASL-20JC68 ATMEL-ATF1504ASL-20JC68 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
More results


Similar Description - ATF1504ASL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
High-speed Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
Low-voltage, Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
High-performance Complex Programmable Logic Device
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com