Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 3Page - ATMEL Corporation ATF1504ASL Datasheet HTML 4Page - ATMEL Corporation ATF1504ASL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation ATF1504ASL Datasheet HTML 10Page - ATMEL Corporation ATF1504ASL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
ATF1504AS(L)
0950N–PLD–07/02
Foldback Bus
Each macrocell also generates a foldback product term. This signal goes to the regional
bus and is available to four macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The sixteen foldback terms in each region allow generation
of high fan-in sum terms (up to sixteen product terms) with a nominal additional delay.
Figure 1. ATF1504AS Macrocell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com