Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF1504ASL Datasheet HTML 1Page - ATMEL Corporation ATF1504ASL Datasheet HTML 2Page - ATMEL Corporation ATF1504ASL Datasheet HTML 3Page - ATMEL Corporation ATF1504ASL Datasheet HTML 4Page - ATMEL Corporation ATF1504ASL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
ATF1504AS(L)
0950N–PLD–07/02
44-lead TQFP
Top View
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
I/O/TDI
I/O
I/O
GND
PD1/I/O
I/O
TMS/I/O
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
44-lead PLCC
Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
TDI/I/O
I/O
I/O
GND
PD1/I/O
I/O
I/O/TMS
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
68-lead PLCC
Top View
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
I/O
VCCIO
I/O/TD1
I/O
I/O
I/O
GND
I/O/PD1
I/O
I/O/TMS
I/O
VCCIO
I/O
I/O
I/O
I/O
GND
I/O
I/O
GND
I/O/TDO
I/O
I/O
I/O
VCCIO
I/O
I/O
I/O/TCK
I/O
GND
I/O
I/O
I/O
I/O
84-lead PLCC
Top View
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
I/O
VCCIO
I/O/TDI
I/O
I/O
I/O
I/O
GND
I/O/PD1
I/O
I/O
I/O/TMS
I/O
I/O
VCCIO
I/O
I/O
I/O
I/O
I/O
GND
I/O
I/O
GND
I/O/TDO
I/O
I/O
I/O
I/O
VCCIO
I/O
I/O
I/O
I/O/TCK
I/O
I/O
GND
I/O
I/O
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com