Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATF1504ASL
Description  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 21Page - ATMEL Corporation ATF1504ASL Datasheet HTML 22Page - ATMEL Corporation ATF1504ASL Datasheet HTML 23Page - ATMEL Corporation ATF1504ASL Datasheet HTML 24Page - ATMEL Corporation ATF1504ASL Datasheet HTML 25Page - ATMEL Corporation ATF1504ASL Datasheet HTML 26Page - ATMEL Corporation ATF1504ASL Datasheet HTML 27Page - ATMEL Corporation ATF1504ASL Datasheet HTML 28Page - ATMEL Corporation ATF1504ASL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25
ATF1504AS(L)
0950N–PLD–07/02
Using “C” Product for Industrial
To use commercial product for Industrial temperature ranges, down-grade one speed grade from the “I” to the “C” device
(7 ns “C” =10ns “I”) and de-rate power by 30%.
ATF1504AS Ordering Information
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
7.5
4.5
166.7
ATF1504AS-7 AC44
ATF1504AS-7 JC44
ATF1504AS-7 JC68
ATF1504AS-7 JC84
ATF1504AS-7 QC100
ATF1504AS-7 AC100
44A
44J
68J
84J
100Q1
100A
Commercial
(0
°Cto70°C)
10
5
125
ATF1504AS-10 AC44
ATF1504AS-10 JC44
ATF1504AS-10 JC68
ATF1504AS-10 JC84
ATF1504AS-10 QC100
ATF1504AS-10 AC100
44A
44J
68J
84J
100Q1
100A
Commercial
(0
°Cto70°C)
10
5
125
ATF1504AS-10 AI44
ATF1504AS-10 JI44
ATF1504AS-10 JI68
ATF1504AS-10 JI84
ATF1504AS-10 QI100
ATF1504AS-10 AI100
44A
44J
68J
84J
100Q1
100A
Industrial
(-40
°Cto +85°C)
15
8
100
ATF1504AS-15 AC44
ATF1504AS-15 JC44
ATF1504AS-15 JC68
ATF1504AS-15 JC84
ATF1504AS-15 QC100
ATF1500AS-15 AC100
44A
44J
68J
84J
100Q1
100A
Commercial
(0
°Cto70°C)
15
8
100
ATF1504AS-15 AI44
ATF1504AS-15 JI44
ATF1504AS-15 JI68
ATF1504AS-15 JI84
ATF1504AS-15 QI100
ATF1504AS-15 AI100
44A
44J
68J
84J
100Q1
100A
Industrial
(-40
°Cto +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com