Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1045L Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

SP1045L Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # SP1045L
Download  SP1045L Download
File Size   1071.93 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description LOW VF PLANAR SCHOTTKY RECTIFIER

SP1045L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1045L Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # SP1045L
Download  SP1045L Click to download

File Size   1071.93 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description LOW VF PLANAR SCHOTTKY RECTIFIER

SP1045L Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.


SP1045L Product details

Features
• Planar Mos Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile - typical height of 1.1 mm
• Heatsink design
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition

TYPICAL APPLICATIONS
    For low voltage high frequency inverters, DC/DC converters and polarity protection application.




Similar Part No. - SP1045L

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SP1045L HDSEMI-SP1045L Datasheet
1Mb / 3P
Plastic-Encapsulate Diodes TO- 27 7
logo
Guangdong Huixin Electr...
SP1045L HUIXIN-SP1045L Datasheet
98Kb / 2P
10.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SP1045L SHUNYE-SP1045L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
More results


Similar Description - SP1045L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL30U60 SECOS-SBL30U60 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SMPB1060L SECOS-SMPB1060L Datasheet
102Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SRL560 SECOS-SRL560 Datasheet
142Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20A100 SECOS-SBL20A100_15 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20U45F SECOS-SBL20U45F_15 Datasheet
158Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U45 SECOS-SBL30U45_15 Datasheet
150Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60 SECOS-SBL30U60_15 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60F SECOS-SBL30U60F_15 Datasheet
164Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SMPB1060L SECOS-SMPB1060L_15 Datasheet
102Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30A60F SECOS-SBL30A60F Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com