Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1045L Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SP1045L
Description  LOW VF PLANAR SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SP1045L Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SP1045L Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SP1045L Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.30
0.33
0.32
0.38
LOW VF PLANAR SCHOTTKY RECTIFIER
SP1045L
0.42
0.45
• Planar Mos Schottky barrier diodes
SP1045L
Features
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile - typical height of 1.1 mm
• Low profile - typical height of 1.1 mm
• Heatsink design
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
MAXIMUM RATINGS (TA
25 °C nless other ise noted)
VRRM
V
VRMS
V
VDC
V
45
31.5
45
Maximum DC blocking
voltage
Maximum repetitive peak
reverse voltage
Maximum RMS voltage
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UNIT
IF(AV)
1)
IF(AV)
2)
IFSM
A
TJ, TSTG
°C
A
Operating junction and
storage temperature range
-55 to +150
5.0
Maximum average forward
rectified current
10.0
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
280
IF=1A
IF=2A
IF=10A
IF=1A
TA=25℃
TYP.
MAX.
0.32
0.38
0.22
0.27
UNIT
SYMBOL
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
IF 1A
IF=2A
IF=10A
IF=1A
IF=2A
IF=10A
0.3
0.22
0.27
0.25
0.3
0.36
0.42
TA=125℃
TA=25℃
0.23
VF
0.16
0.20
0.20
0.24
0.32
0.36
TA=85℃
Instantaneous forward
voltage
Volts
CJ
nF
RθJA
RθJC
RθJM
juntion to mount
20
℃/W
0.3
14.5
18
Typical thermal resistance1)
juntion to case
35
Rated VR
0.95
80
juntion to ambient
Instantaneous reverse
current
Typical junction capacitance
39
4.0 V, 1 MHz
IR
TA 25℃
TA=100℃
35
0.23
mA
TA=85℃
RθJM
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 30×30mm copper pads,2 OZ,FR4 PCB
2):Mounted on recommended copper pad area,free air.
juntion to mount
20
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
1
0.243(6.15)
0.238(6.05)
0.262(6.65)
0.250(6.35)
0.183(4.65)
0.171(4.35)
0.043(1.10)
0.035(0.90)
TO-277
XH


Similar Part No. - SP1045L

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
SP1045L HDSEMI-SP1045L Datasheet
1Mb / 3P
Plastic-Encapsulate Diodes TO- 27 7
logo
Guangdong Huixin Electr...
SP1045L HUIXIN-SP1045L Datasheet
98Kb / 2P
10.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SP1045L SHUNYE-SP1045L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
More results

Similar Description - SP1045L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBL30U60 SECOS-SBL30U60 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SMPB1060L SECOS-SMPB1060L Datasheet
102Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SRL560 SECOS-SRL560 Datasheet
142Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20A100 SECOS-SBL20A100_15 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL20U45F SECOS-SBL20U45F_15 Datasheet
158Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U45 SECOS-SBL30U45_15 Datasheet
150Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60 SECOS-SBL30U60_15 Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30U60F SECOS-SBL30U60F_15 Datasheet
164Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SMPB1060L SECOS-SMPB1060L_15 Datasheet
102Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
SBL30A60F SECOS-SBL30A60F Datasheet
151Kb / 2P
Low VF Planar MOS Barrier Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com