Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP6XT Datasheet (PDF) - Vishay Siliconix

FEP6XT Datasheet PDF - Vishay Siliconix
Part # FEP6XT
Download  FEP6XT Download
File Size   151.52 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode Ultrafast Rectifier

FEP6XT Datasheet (PDF)

Go To PDF Page Download Datasheet
FEP6XT Datasheet PDF - Vishay Siliconix

Part # FEP6XT
Download  FEP6XT Click to download

File Size   151.52 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Common Cathode Ultrafast Rectifier

FEP6XT Datasheet (HTML) - Vishay Siliconix


FEP6XT Product details

• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106
(for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified




Similar Part No. - FEP6XT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FEP6 GE-FEP6 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
FEP6AT GE-FEP6AT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP6AT VISHAY-FEP6AT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
logo
General Semiconductor
FEP6BT GE-FEP6BT Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP6BT VISHAY-FEP6BT Datasheet
154Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
07-Nov-07
More results


Similar Description - FEP6XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
13-May-08
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
02-Sep-13
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Oct-13
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-Jun-2019
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com