Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP6XT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FEP6XT
Description  Dual Common Cathode Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP6XT Datasheet(HTML) 2 Page - Vishay Siliconix

  FEP6XT Datasheet HTML 1Page - Vishay Siliconix FEP6XT Datasheet HTML 2Page - Vishay Siliconix FEP6XT Datasheet HTML 3Page - Vishay Siliconix FEP6XT Datasheet HTML 4Page - Vishay Siliconix FEP6XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FEP6xT, FEPF6xT, FEPB6xT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
2
Document Number: 88598
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FEP6AT
FEP6BT
FEP6CT
FEP6DT
UNIT
Maximum instantaneous forward voltage per
diode
3.0 A
VF (1)
0.975
V
Maximum DC reverse current
at rated DC blocking voltage per diode
TC = 25 °C
IR
5.0
μA
TC = 100 °C
50
Maximum reverse recovery time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
28
pF
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP6
FEPF6
FEPB6
UNIT
Typical thermal resistance from junction to case per diode
RJC
3.6
5.1
3.6
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
FEP6DT-E3/45
1.81
45
50/tube
Tube
ITO-220AB
FEPF6DT-E3/45
1.97
45
50/tube
Tube
TO-263AB
FEPB6DT-E3/45
1.33
45
50/tube
Tube
TO-263AB
FEPB6DT-E3/81
1.33
81
800/reel
Tape and reel
TO-220AB
FEP6DTHE3/45 (1)
1.81
45
50/tube
Tube
ITO-220AB
FEPF6DTHE3/45 (1)
1.97
45
50/tube
Tube
TO-263AB
FEPB6DTHE3/45 (1)
1.33
45
50/tube
Tube
TO-263AB
FEPB6DTHE3/81 (1)
1.33
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com