Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9097 Datasheet (PDF) - Dallas Semiconductor

DS9097 Datasheet PDF - Dallas Semiconductor
Part # DS9097
Download  DS9097 Download
File Size   75.57 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description COM Port Adapter

DS9097 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9097 Datasheet PDF - Dallas Semiconductor

Part # DS9097
Download  DS9097 Click to download

File Size   75.57 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description COM Port Adapter

DS9097 Datasheet (HTML) - Dallas Semiconductor


DS9097 Product details

DESCRIPTION
The DS9097 COM Port Adapter is a simple, low-cost passive adapter which performs RS232C (±12V) level conversion, allowing an iButton probe to be connected to the serial port of a computer so that a non-EPROM iButton can be read and written directly. It can also read all EPROM-based iButtons. The serial port must support a data transmission rate of 115.2 kbits/s in order to create the 1-WireTM time slots correctly. Nearly all PCs support the required data rate and are fully compatible with the DS9097. Since an 8-bit character (6 data bits plus start and stop bit) on the RS232 port operating at 115.2 kbits/s is used to form a single 1-Wire time slot, the maximum effective 1-Wire transfer rate is 14.4 kbits/s (regular speed). Details on the operation of the DS9097 including software examples are found in Application Note 74, Section V.
The DS9097E is an upgraded version of the DS9097 that is capable of supplying the 12 volts necessary to program the EPROM-based iButton products (DS198x Add-Only iButtons) in addition to reading and writing SRAM and EEPROM-based devices (DS199x, DS196x, DS197x). When combined with the appropriate software, the DS9097E can be used in a standalone mode where all of the programming current is supplied by the serial port itself. In this configuration, the maximum number of EPROM bits that can be programmed simultaneously is four on a typical serial port. For higher performance, the above mentioned 12V auxiliary supply can be plugged into the power jack on the DS9097E and with proper software enable the serial port to program up to eight EPROM bits simultaneously.

FEATURES
■ Provides a simple, low-cost interface to an
   RS232C COM Port for reading and writing
   iButtonTM devices (DS9097E required for
   programming DS198x Add-Only iButtons)
■ Adapter is powered entirely from an RS232
   interface (DS9097E may require optional
   auxiliary 12V supply)
■ Standard DB-9 (DSD9097) or DB-25
   (DS9097E) female connector for mating the
   adapter to the COM Port of a computer and
   RJ-11 connector for easy attachment of a
   probe such as the DS9092GT
■ DS9097E has an additional 2.1 mm male
   power jack to allow for an auxiliary 12V DC
   supply for programming Add-Only iButtons
   Pin assignment DS9097, DB-9
   TXD (3), RXD (2), DTR (4), PC-Ground (5);
   all other pins not connected
   Pin assignment DS9097E, DB-25
   TXD (2), RXD (3), DTR (20), RTS (4), PC
   Ground (7); all other pins not connected




Similar Part No. - DS9097

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9097 MAXIM-DS9097 Datasheet
183Kb / 3P
COM Port Adapter
8/09
DS9097 MAXIM-DS9097 Datasheet
266Kb / 3P
1-Wire Network Cables
2/15
logo
Dallas Semiconductor
DS9097U DALLAS-DS9097U Datasheet
26Kb / 2P
Universal 1-Wire COM Port Adapter
logo
Maxim Integrated Produc...
DS9097U MAXIM-DS9097U Datasheet
65Kb / 3P
Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
DS9097U MAXIM-DS9097U Datasheet
56Kb / 2P
based iButtons branded with their respective character for optimum legibility
Rev 8/09
More results


Similar Description - DS9097

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9097U DALLAS-DS9097U Datasheet
26Kb / 2P
Universal 1-Wire COM Port Adapter
DS1410E DALLAS-DS1410E Datasheet
126Kb / 7P
Parallel Port Adapter
logo
Maxim Integrated Produc...
USBTO232 MAXIM-USBTO232 Datasheet
266Kb / 31P
USB-to-COM Port Adapter Board User Guide
Rev 0; 11/06
DS9097U MAXIM-DS9097U_11 Datasheet
65Kb / 3P
Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
logo
Silicon Laboratories
AN571 SILABS-AN571 Datasheet
128Kb / 26P
VIRTUAL COM PORT INTERFACE
logo
Axiomtek Co., Ltd.
NA342R AXIOMTEK-NA342R Datasheet
238Kb / 1P
BIOS redirected to COM port
NA343R AXIOMTEK-NA343R Datasheet
253Kb / 1P
BIOS redirected to COM port
logo
Maxim Integrated Produc...
DS9097 MAXIM-DS9097 Datasheet
183Kb / 3P
COM Port Adapter
8/09
logo
PANDUIT CORP.
CADIN1XX PANDUIT-CADIN1XX Datasheet
149Kb / 1P
MINI-COM I PORT DIN RAIL ADAPTER W/LABEL AND LABEL COVER CUSTOMER DRAWING
logo
Ultralife Corporation.
A-320DPA ULTRALIFE-A-320DPA Datasheet
1Mb / 2P
Dual Port Adapter
5/30/14
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com