Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54532P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M54532P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M54532P
Download  M54532P Download
File Size   76.94 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE

M54532P Datasheet (PDF)

Go To PDF Page Download Datasheet
M54532P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M54532P
Download  M54532P Click to download

File Size   76.94 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE

M54532P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M54532P Product details

DESCRIPTION
M54532P and M54532FP are four-circuit Darlington transistor arrays with clamping diodes. The circuits are made of NPN transistors. Both the semiconductor integrated circuits perform high-current driving with extremely low input-current supply.

FEATURES
High breakdown voltage (BVCEO ≥ 50V)
High-current driving (Ic(max) = 1.5A)
With clamping diodes
Wide operating temperature range (Ta = –20 to +75°C)

APPLICATION
Drives of relays and printers, digit drives of indication elements (LEDs and lamps), and power amplification




Similar Part No. - M54532P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54530P MITSUBISHI-M54530P Datasheet
102Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Similar Description - M54532P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54567P MITSUBISHI-M54567P Datasheet
81Kb / 4P
4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54527P MITSUBISHI-M54527P Datasheet
72Kb / 4P
6-UNIT 150mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63830P MITSUBISHI-M63830P Datasheet
67Kb / 4P
4-UNIT 1.5A DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63850P MITSUBISHI-M63850P Datasheet
52Kb / 5P
4-UNIT 1.5A DMOS ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P_11 Datasheet
120Kb / 4P
8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com