Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54532P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54532P
Description  4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54532P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54532P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54532P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54532P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54532P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54532P/FP
4-UNIT 1.5A DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
101
VCE = 4V
Ta = 25°C
Ta = 75°C
Ta = –20°C
5
3
2
7
105
5
3
2
7
104
5
3
2
7
103
102
102
23
5 7
103
23
5 7
104
23
5 7
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
0
VCE = 4V
Ta = 75°C
Ta = –20°C
Ta = 25°C
0.4
0.8
1.2
1.6
0
0.5
1.0
1.5
2.0
Input Characteristics
Input voltage VI (V)
0
Ta = 25°C
Ta = 75°C
Ta = –20°C
10
5
15
20
25
0
2
468
10
Clamping Diode Characteristics
Forward bias voltage VF (V)
0
0
0.5
1.0
Ta = –20°C
Ta = 25°C
Ta = 75°C
1.5
2.0
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com