Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11690 Datasheet (PDF) - Sanyo Semicon Device

LB11690 Datasheet PDF - Sanyo Semicon Device
Part # LB11690
Download  LB11690 Download
File Size   201.6 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Pre-Driver IC for Brushless Motor Drive in Electric Bicycles

LB11690 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11690 Datasheet PDF - Sanyo Semicon Device

Part # LB11690
Download  LB11690 Click to download

File Size   201.6 Kbytes
Page   19 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Pre-Driver IC for Brushless Motor Drive in Electric Bicycles

LB11690 Datasheet (HTML) - Sanyo Semicon Device


LB11690 Product details

Overview

The LB11690 and LB11690H are three-phase bipolar PWM drive pre-driver ICs that allow the output circuits to be implemented using only n-channel FETs. These ICs can implement, at low cost, high-efficiency drive circuits in applications that use motors that require high drive currents. These ICs include a built-in Hall sensor signal F/V conversion circuit and can provide a voltage that is proportional to motor speed for use, for example, in speedometers for electric bicycles. These ICs also support use in applications that holds the speed controlled at a constant rate as the load varies.



Functions and Features

• Three-phase bipolar PWM drive (high and low side n-channel FET drive)

• Maximum supply voltage: 45 V

• Gate drive voltage: about 10 V (high and low side n-channel FETs)

• Hall sensor signal F/V conversion circuit (one-shot multivibrator output)

• Synthesized three-phase Hall sensor signal output

• Built-in current limiter and undervoltage protection circuits




Similar Part No. - LB11690

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
LB11693 SANYO-LB11693 Datasheet
129Kb / 12P
Three-Phase Brushless Motor Driver for 24 V Fan Motors
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
More results


Similar Description - LB11690

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
For Brushless Motor Drive PWM Driver IC
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
logo
ON Semiconductor
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
For Brushless Motor Drive PWM Driver IC
May, 2013
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
Pre-Driver IC for 3-Phase Brushless Motor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com