Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX80113SOD Datasheet (PDF) - LUMEX INC.

SSL-LX80113SOD Datasheet PDF - LUMEX INC.
Part # SSL-LX80113SOD
Download  SSL-LX80113SOD Download
File Size   52.23 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-8mm 610mm SUPER ORANGE LED

SSL-LX80113SOD Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LX80113SOD Datasheet PDF - LUMEX INC.

Part # SSL-LX80113SOD
Download  SSL-LX80113SOD Click to download

File Size   52.23 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description T-8mm 610mm SUPER ORANGE LED

SSL-LX80113SOD Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSL-LX80113SOD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX80113SGD LUMEX-SSL-LX80113SGD Datasheet
52Kb / 1P
T-8mm 565mm SUPER GREEN LED
SSL-LX80113SID LUMEX-SSL-LX80113SID Datasheet
52Kb / 1P
t-8mm 636mm SUPER HIGH INTENSITY RED LED
SSL-LX80113SRD-12V LUMEX-SSL-LX80113SRD-12V Datasheet
87Kb / 1P
T-8mm, 660mm RED LED
SSL-LX80113SRD-X LUMEX-SSL-LX80113SRD-X Datasheet
56Kb / 1P
T-8mm 660mm SUPER RED LED
SSL-LX80113SUGD LUMEX-SSL-LX80113SUGD Datasheet
52Kb / 1P
T-8mm 574mm SUPER ULTRA GREEN LED
More results


Similar Description - SSL-LX80113SOD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX3044SOD LUMEX-SSL-LX3044SOD Datasheet
50Kb / 1P
T-3mm 610mm SUPER ORANGE RED LED
SSL-LX3054SOD LUMEX-SSL-LX3054SOD Datasheet
83Kb / 1P
T-3mm 610mm SUPER ORANGE LED
SSL-LX305F4SOD LUMEX-SSL-LX305F4SOD Datasheet
51Kb / 1P
T-3mm 610mm SUPER ORANGE LED
SSL-LX5063SOD LUMEX-SSL-LX5063SOD Datasheet
52Kb / 1P
T-5mm 610mm SUPER ORANGE LED
SSL-LX5093SOSOD LUMEX-SSL-LX5093SOSOD Datasheet
67Kb / 1P
QUASARBRITE T-5mm 610mm SUPER ORANGE LED
SSL-LX5093XOC LUMEX-SSL-LX5093XOC Datasheet
54Kb / 1P
T-5mm 610mm SUPER ORANGE LEd
SSL-LX50FT3SOD LUMEX-SSL-LX50FT3SOD Datasheet
51Kb / 1P
T-5mm 610mm SUPER ORANGE
SSL-LX509F3SOD LUMEX-SSL-LX509F3SOD Datasheet
51Kb / 1P
T-5mm 610mm SUPER ORANGE LED
SSI-LXH8080SOD-150 LUMEX-SSI-LXH8080SOD-150 Datasheet
62Kb / 1P
T-8mm 610mm AllnGap ORANGE PANEL INDICATOR LED
SSI-LXR3816SOCB6WR LUMEX-SSI-LXR3816SOCB6WR Datasheet
78Kb / 1P
T-5mm 610mm SUPER ORANGE LED PANEL INDICATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com