Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C83401 Datasheet (PDF) - Vishay Siliconix

C83401 Datasheet PDF - Vishay Siliconix
Part # C83401
Download  C83401 Download
File Size   92.59 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Resistor Network Military

C83401 Datasheet (PDF)

Go To PDF Page Download Datasheet
C83401 Datasheet PDF - Vishay Siliconix

Part # C83401
Download  C83401 Click to download

File Size   92.59 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Resistor Network Military

C83401 Datasheet (HTML) - Vishay Siliconix


C83401 Product details

These resistor networks are available in 6 pins, 8 pins, and 10 pins in schematic C and G styles. Custom circuits are not available. Schematic C and G only. They incorporate Vishay Dale Thin Film’s patented passivated nichrome film to give superior performance on temperature coefficient of resistance, thermal stability, noise, voltage coefficient, power handling and resistance stability. The leads are attached to the metallized alumina substrates by Thermo-Compression bonding. The body is molded thermoset plastic with gold plated copper alloy leads. This product will outperform all of the requirements of characteristic “R”, “V”, and “H” of MIL-PRF-83401.

FEATURES
• MIL-PRF-83401 qualified (cage code 57489)
• Low Profile 0.195" (4.95 mm seated height)
• Characteristics R (± 25 ppm), H, V, K, and M
• Hot fused tin/lead 60/40 solder dipped
• Rugged molded low profile construction with standoff
• 100 % screened to groups A MIL-PRF-83410 testing
• Tolerances to 0.1 %
• Isolated and bussed (schematic C and G)




Similar Part No. - C83401

ManufacturerPart #DatasheetDescription
logo
EPCOS
C830 EPCOS-C830 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
logo
Hamamatsu Corporation
C8366 HAMAMATSU-C8366 Datasheet
107Kb / 2P
Current-to-voltage conversion amplifier for high-speed Si PIN photodiode
C8366 HAMAMATSU-C8366_15 Datasheet
563Kb / 4P
Current-to-voltage conversion amplifier
logo
Mueller Electric.
C83A01F002 MUELLER-C83A01F002 Datasheet
232Kb / 1P
M8 Cordset, 3 Position, 24 AWG Unshielded PVC, Male Straight to Open End
C83A01F005 MUELLER-C83A01F005 Datasheet
232Kb / 1P
M8 Cordset, 3 Position, 24 AWG Unshielded PVC, Male Straight to Open End
More results


Similar Description - C83401

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN103 CALMIRCO-PRN103 Datasheet
79Kb / 3P
THIN FILM DIFFERENTIAL TERMINATOR RESISTOR NETWORK
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
logo
List of Unclassifed Man...
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network
694-3-R20KD ETC2-694-3-R20KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
FP200 VISHAY-FP200_17 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com