Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX1260 Datasheet (PDF) - Advanced Crystal Technology

OX1260 Datasheet PDF - Advanced Crystal Technology
Part # OX1260
Download  OX1260 Download
File Size   238.2 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm

OX1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
OX1260 Datasheet PDF - Advanced Crystal Technology

Part # OX1260
Download  OX1260 Click to download

File Size   238.2 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm

OX1260 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - OX1260

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Ohmite Mfg. Co.
OX120KE OHMITE-OX120KE Datasheet
127Kb / 1P
Ceramic Composition 10% Tolerance
logo
Advanced Crystal Techno...
OX1210 ACT-OX1210 Datasheet
271Kb / 3P
DIL 14 package OCXO, Sine wave, HCMOS, 22.7 x 15.1 x 11.0mm
01/06/2017
logo
Connor-Winfield Corpora...
OX125 CONNOR-WINFIELD-OX125 Datasheet
80Kb / 2P
Stratum 3E HCMOS Oscillator OX125 TiMax Series
OX125-010.0M CONNOR-WINFIELD-OX125-010.0M Datasheet
80Kb / 2P
Stratum 3E HCMOS Oscillator OX125 TiMax Series
More results


Similar Description - OX1260

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX260 ACT-OX260 Datasheet
284Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 6.5mm
01/06/2017
OX310 ACT-OX310 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm
01/06/2017
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX565 ACT-OX565 Datasheet
231Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX660 ACT-OX660 Datasheet
297Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1460 ACT-OX1460 Datasheet
271Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 22.0 x 12.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com