Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX310 Datasheet (PDF) - Advanced Crystal Technology

OX310 Datasheet PDF - Advanced Crystal Technology
Part # OX310
Download  OX310 Download
File Size   248.83 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm

OX310 Datasheet (PDF)

Go To PDF Page Download Datasheet
OX310 Datasheet PDF - Advanced Crystal Technology

Part # OX310
Download  OX310 Click to download

File Size   248.83 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm

OX310 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - OX310

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
OX30 BOWEI-OX30 Datasheet
155Kb / 1P
Oven Controlled Crystal Oscillators
logo
Ohmite Mfg. Co.
OX333KE-DEL OHMITE-OX333KE-DEL Datasheet
532Kb / 2P
OX/OY Series
OX33GKE OHMITE-OX33GKE Datasheet
127Kb / 1P
Ceramic Composition 10% Tolerance
logo
BOWEI Integrated Circui...
OX36 BOWEI-OX36 Datasheet
273Kb / 2P
Oven Controlled Crystal Oscillators
logo
Advanced Crystal Techno...
OX360 ACT-OX360 Datasheet
258Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 20.2 x 20.2 x 10.0mm
01/06/2017
More results


Similar Description - OX310

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I411 ILSI-I411 Datasheet
33Kb / 1P
Leaded Oscillator, OCXO Metal Package, 20.5 mm X 20.5 mm
logo
Advanced Crystal Techno...
OX260 ACT-OX260 Datasheet
284Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 6.5mm
01/06/2017
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
OX1410 ACT-OX1410 Datasheet
266Kb / 3P
OCXO, Sine wave, HCMOS, 25.6 x 22.2 x 14.0mm
01/06/2017
OX1460 ACT-OX1460 Datasheet
271Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 22.0 x 12.0mm
01/06/2017
OX1510 ACT-OX1510 Datasheet
243Kb / 3P
OCXO, Sine wave, HCMOS, 27.8 x 27.8 x 15.5mm
01/06/2017
logo
Transko Electronics, In...
OX-B TRANSKO-OX-B Datasheet
426Kb / 2P
OCXO 20.5 X 20.5 X 11mm SQUARE PACKAGE
Rev. 2: Mar. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com