Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX30 Datasheet (PDF) - BOWEI Integrated Circuits CO.,LTD.

OX30 Datasheet PDF - BOWEI Integrated Circuits CO.,LTD.
Part # OX30
Download  OX30 Download
File Size   155.22 Kbytes
Page   1 Pages
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.
Description Oven Controlled Crystal Oscillators

OX30 Datasheet (PDF)

Go To PDF Page Download Datasheet
OX30 Datasheet PDF - BOWEI Integrated Circuits CO.,LTD.

Part # OX30
Download  OX30 Click to download

File Size   155.22 Kbytes
Page   1 Pages
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.
Description Oven Controlled Crystal Oscillators

OX30 Datasheet (HTML) - BOWEI Integrated Circuits CO.,LTD.




Similar Part No. - OX30

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
OX310 ACT-OX310 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm
01/06/2017
logo
Ohmite Mfg. Co.
OX333KE-DEL OHMITE-OX333KE-DEL Datasheet
532Kb / 2P
OX/OY Series
OX33GKE OHMITE-OX33GKE Datasheet
127Kb / 1P
Ceramic Composition 10% Tolerance
logo
BOWEI Integrated Circui...
OX36 BOWEI-OX36 Datasheet
273Kb / 2P
Oven Controlled Crystal Oscillators
logo
Advanced Crystal Techno...
OX360 ACT-OX360 Datasheet
258Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 20.2 x 20.2 x 10.0mm
01/06/2017
More results


Similar Description - OX30

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillators
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
Oven Controlled Crystal Oscillators
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.18.14
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
Oven Controlled Crystal Oscillators
08.20.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com