Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6167 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE6167
Description  Medium Power 50 Watts RF Load Up To 4 GHz
File Size   206.98 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6167 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE6167

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6167 PASTERNACK-PE6167 Datasheet
96Kb / 1P
N MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
More results


Similar Description - PE6167

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
Medium Power 50 Watts RF Load Up To 7 GHz
PE6166 PASTERNACK-PE6166_14 Datasheet
177Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With SMA
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com