Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2 Datasheet (PDF) - TE Connectivity Ltd

Part # SR2
Description  2 pole relay with force guided contacts according to EN50205
File Size   359.23 Kbytes
Html View  1   2 
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR2 Datasheet (PDF) - TE Connectivity Ltd



Similar Part No. - SR2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
6 pin Smart Reset?
13-May-2014
logo
CUI INC
SR2 CUI-SR2 Datasheet
459Kb / 5P
SIGNAL RELAY
06/07/2022
logo
ABB
SR2 ABB-SR2 Datasheet
832Kb / 6P
Metal enclosures for automation and distribution
logo
CUI Devices
SR2 CUID-SR2 Datasheet
422Kb / 5P
SIGNALRELAY
10/27/2022
logo
Same Sky Devices
SR2 SAMESKY-SR2 Datasheet
361Kb / 5P
SIGNAL RELAY
09/12/2024
More results


Similar Description - SR2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
Force Guided Relay SR2M
logo
TE Connectivity Ltd
SR2M TEC-SR2M Datasheet
339Kb / 3P
2 pole relay with force guided contacts according to EN 50205
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
4 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
6 pole relay with force guided contacts according to EN 50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
6 pole relay with force guided contacts according to EN50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
6 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
4 pole relay with force guided contacts according to EN 50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
6 pole relay with force guided contacts according to EN50205
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com