| Manufacturer | Part # | Datasheet | Description |
 Micropac Industries |
53124
|
239Kb / 13P |
RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
|
|
53257
|
119Kb / 4P |
RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
|
|
53258
|
118Kb / 4P |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
|
|
66099
|
87Kb / 2P |
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
|
 List of Unclassifed Man... |
OLS249
|
25Kb / 3P |
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
|
 Skyworks Solutions Inc. |
OLC049
|
307Kb / 6P |
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022 |
|
OLF249
|
287Kb / 6P |
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
April 14, 2017 |
|
OLF449
|
354Kb / 6P |
Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
June 19, 2017 |
|
OLH249
|
418Kb / 6P |
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017 |
|
OLI149
|
345Kb / 6P |
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017 |