Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2S4M Datasheet (PDF) - NEC

Part # 2S4M
Description  THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
File Size   188.76 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2S4M Datasheet (PDF) - NEC



Similar Part No. - 2S4M

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
2S4M KERSEMI-2S4M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
More results


Similar Description - 2S4M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
STMicroelectronics
F0810MH STMICROELECTRONICS-F0810MH Datasheet
296Kb / 5P
FAST SWITCHING SCR
logo
Powerex Power Semicondu...
T72H0135 POWEREX-T72H0135 Datasheet
3Mb / 4P
Fast Switching SCR
logo
Inchange Semiconductor ...
T627062064DN ISC-T627062064DN Datasheet
224Kb / 2P
Fast Switching SCR
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
STMicroelectronics
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
16 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
16-Dec-2019
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
20 A 600 V high temperature SCR thyristors in insulated TO-220
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com